Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC356LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC356LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC356LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC356LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC356LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 118
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC356LP3
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 350 - 550 MHz
v01.0604
General Description
Features
Functional Diagram
The HMC356LP3 high dynamic range GaAs
PHEMT MMIC Low Noise Amplifier is ideal for GSM
& CDMA cellular basestation and Mobile Radio
front-end receivers operating between 350 and 550
MHz. This LNA has been optimized to provide 1.0
dB noise figure, 17 dB gain and +38 dBm output IP3
from a single supply of +5.0V @ 104 mA. Input and
output return losses are 15 dB typical, with the LNA
requiring only four external components to optimize
the RF input match, RF ground and DC bias. The
HMC356LP3 shares the same package and pinout
with the HMC372LP3 high IP3 LNA. A low cost,
leadless 3x3 mm (LP3) SMT QFN package houses
the low noise amplifier.
Noise Figure:
≤1.0 dB
+38 dBm Output IP3
Gain: 17 dB
Very Stable Gain vs. Supply & Temperature
Single Supply: +5.0V @ 104 mA
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C, Vs = +5V
Typical Applications
The HMC356LP3 is ideal for
basestation receivers:
• GSM 450 & GSM 480
• CDMA 450
• Private Land Mobile Radio
Parameter
Min.
Typ.
Max.
Units
Frequency Range
350 - 550
MHz
Gain
15
17
dB
Gain Variation Over Temperature
0.0032
0.010
dB / °C
Noise Figure
1.0
1.4
dB
Input Return Loss
17
dB
Output Return Loss
12
dB
Reverse Isolation
24
dB
Output Power for 1dB Compression (P1dB)
17
21
dBm
Saturated Output Power (Psat)
22.5
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone, 1 MHz tone spacing)
34
38
dBm
Supply Current (Idd)
104
mA


Similar Part No. - HMC356LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC356LP3 HITTITE-HMC356LP3 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC356LP3 HITTITE-HMC356LP3 Datasheet
385Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Analog Devices
HMC356LP3 AD-HMC356LP3 Datasheet
402Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC356LP3E HITTITE-HMC356LP3E Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
More results

Similar Description - HMC356LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3_06 Datasheet
385Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC356LP3 HITTITE-HMC356LP3_10 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com