Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT493-G Datasheet(PDF) 5 Page - Comchip Technology

Part # FMMT493-G
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FMMT493-G Datasheet(HTML) 5 Page - Comchip Technology

  FMMT493-G Datasheet HTML 1Page - Comchip Technology FMMT493-G Datasheet HTML 2Page - Comchip Technology FMMT493-G Datasheet HTML 3Page - Comchip Technology FMMT493-G Datasheet HTML 4Page - Comchip Technology FMMT493-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
QW-BTR47
General Purpose Transistor
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Marking Code
Part Number
FMMT493-G
Marking Code
493
XXX
3
1
2
xxx = Product type marking code
Suggested PAD Layout
A
D
C
SIZE
(inch)
0.031
(mm)
0.80
0.60
1.90
0.024
0.075
SOT-23
2.02
0.080
A
B
C
D
E
B
2.82
0.111
E
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
3,000
SOT-23
Reel Size
(inch)
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com