Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT493-G Datasheet(PDF) 2 Page - Comchip Technology

Part # FMMT493-G
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FMMT493-G Datasheet(HTML) 2 Page - Comchip Technology

  FMMT493-G Datasheet HTML 1Page - Comchip Technology FMMT493-G Datasheet HTML 2Page - Comchip Technology FMMT493-G Datasheet HTML 3Page - Comchip Technology FMMT493-G Datasheet HTML 4Page - Comchip Technology FMMT493-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-base breakdown voltage
0.1
IC = 100μA , IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Collector cut-off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
IC = 10mA , IB = 0
IE = 100μA , IC = 0
VCB = 100V , IE = 0
V ES = 100V , I = 0
C
E
VCE = 10V , IC = 1mA
IC = 500mA , IB = 50mA
VCE = 10V , IC = 50mA , f = 100MHZ
VCB = 10V, IE = 0 , f = 1MHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
ICES
hFE(1)*
VCE(sat) 1*
fT
Cob
100
120
5
0.1
100
0.3
10
V
V
V
µA
µA
V
MHZ
P
F
VCE = 10V , IC = 250mA
hFE(2)*
100
Base-emitter saturation voltage
IC = 1A , IB = 100mA
VBE(sat)*
1.15
V
Typ
150
Emitter cut-off current
VEB = 4V , IC = 0
IEBO
0.1
µA
VCE = 10V , IC = 0.5A
hFE(3)*
300
60
VCE = 10V , IC = 1A
hFE(4)*
20
IC = 1A , IB = 100mA
VCE(sat) 2*
0.6
V
Base-emitter voltage
VCE = 10V IC = 1A
,
VBE*
1
V
*Pulse test: pulse width
≤ 300µs, duty cycles ≤ 2.0%
General Purpose Transistor
Page 2
REV:A
QW-BTR47
Company reserves the right to improve product design , functions and reliability without notice.
RATING AND CHARACTERISTIC CURVES ( FMMT493-G )
100
200
1
Collector Current , IC (mA)
10
Fig.2 - hFE — IC
100
1000
Collector-Emitter Voltage, VCE (V)
0
2
4
6
8
Fig.1 - Static Characteristic
Ta=100°C
Ta=25°C
VCE = 10V
8
6
4
2
0
10
12
14
IB=3uA
IB=6uA
IB=9uA
IB=12uA
IB=15uA
IB=18uA
IB=21uA
IB=24uA
IB=27uA
IB=30uA
-500uA
-450uA
COMMON
EMITTER
Ta=25°C
150
250
300
350
400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com