Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C490094LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C490094LE
Description  1:4 24MHz Clock Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490094LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C490094LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.pericom.com
PI6C490094
Rev A
08/09/13
PI6C490094
1:4 24MHz Clock Buffer
AC Electrical Characteristics (Note 4)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
FIN
Input Frequency
Fundamental Crystal
24
MHz
Input Clock
24
MHz
tR
Output Rise Time
20% to 80% 24MHz, Note 1
1
ns
tF
Output Fall Time
80% to 20% 24MHz, Note 1
1
ns
tDC
Duty Cycle
47
53
%
Jphase
Clock Phase Jitter (RMS)
24MHz, Note 2
1.5
ps
Jadd
Additive Jitter
24MHz, Note 3
300
fs
1. Note 1: Measured with 7 pF lump load.
2. Note 2: 12 kHz to 20 MHz offset frequency using a crystal input.
3. Note 3: CLKIN input with X2 floating.
4. Note 4: Do not drive this device without a crystal or valid clock input
VDD
CLOAD
VDD
GND GND
CLK out
OUTPUTS
0.1µF
0.1µF
CMOS Test Configuration
13-0129



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com