Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C490094LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C490094LE
Description  1:4 24MHz Clock Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490094LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C490094LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.pericom.com
PI6C490094
Rev A
08/09/13
PI6C490094
Features
Î
Î
Support XTAL or Clock input at 24MHz
Î
Î
Four buffered outputs support VDDO operation
Î
Î
Very low phase jitter(RMS) : < 1.5ps (max)
Î
Î
Very low additive jitter: <300fs (typ)
Î
Î
3.3V supply voltage for Core
Î
Î
1.8V ~ 3.3V supply voltage for two output banks
Î
Î
Packaging: 16-pin TSSOP
Î
Î
Commercial & Industrial Temperature support
Applications
Î
Î
Networking Systems
Î
Î
Femtocell BTS
Î
Î
Peripheral
Block Diagram
Pin Configuration (16-Pin TSSOP)
Description
The PI6C490094 is a low jitter clock buffer supporting either
XTAL or reference input. Two of its outputs can support wide
operating voltage from 1.8V to 3.3V. It is a cost effective way to
generate multiple outputs for all kinds of applications that need
24MHz with different power supplies.
1:4 24MHz Clock Buffer
X1/CLKIN
Crystal
Oscillator
OE#
CLK1
V
V
CLK2
CLK3
CLK4
GND
X2
DDO1
VDDO2
DD
X2
GND
VDD
CLK1
CLK2
VDDO1
CLK3
GND
X1/ICLKIN
VDD
GND
VDD
VDD02
CLK4
GND
OE#
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16-pin (173 mil) TSSOP
13-0129


Similar Part No. - PI6C490094LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C490098 PERICOM-PI6C490098 Datasheet
989Kb / 5P
1:3 CMOS Clock Buffer
PI6C490098LE PERICOM-PI6C490098LE Datasheet
989Kb / 5P
1:3 CMOS Clock Buffer
PI6C490098LIE PERICOM-PI6C490098LIE Datasheet
989Kb / 5P
1:3 CMOS Clock Buffer
More results

Similar Description - PI6C490094LE

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
1:4 Clock Fanout Buffer
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
1-to-4 Clock Distribution Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
1:4 CLOCK BUFFER
Mar 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com