Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08034 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08034
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08034 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC08034 Datasheet HTML 1Page - National Semiconductor (TI) ADC08034 Datasheet HTML 2Page - National Semiconductor (TI) ADC08034 Datasheet HTML 3Page - National Semiconductor (TI) ADC08034 Datasheet HTML 4Page - National Semiconductor (TI) ADC08034 Datasheet HTML 5Page - National Semiconductor (TI) ADC08034 Datasheet HTML 6Page - National Semiconductor (TI) ADC08034 Datasheet HTML 7Page - National Semiconductor (TI) ADC08034 Datasheet HTML 8Page - National Semiconductor (TI) ADC08034 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
CC = VREF = +5 VDC, and fCLK = 1 MHz unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
ADC08031, ADC08034 and
ADC08038
Units (Limits)
Typical (Note
8)
Limits (Note 9)
DIGITAL AND DC CHARACTERISTICS
V
OUT(0)
Logical “0” Output Voltage
V
CC = 4.75V
0.4
V (max)
I
OUT = 1.6 mA
I
OUT
TRI-STATE® Output Current
V
OUT = 0V
−3.0
µA (max)
V
OUT = 5V
3.0
µA (max)
I
SOURCE
Output Source Current
V
OUT = 0V
−6.5
mA (min)
I
SINK
Output Sink Current
V
OUT = VCC
8.0
mA (min)
I
CC
Supply Current
ADC08031, ADC08034, and
ADC08038
CS = HIGH
3.0
mA (max)
REFERENCE CHARACTERISTICS
V
REFOUT
Nominal Reference Output
V
REFOUT Option
Available Only on
2.6
V
ADC08034 and
ADC08038
Electrical Characteristics
The following specifications apply for V
CC = VREF = +5 VDC, and tr = tf = 20 ns unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
f
CLK
Clock Frequency
10
kHz (min)
1
MHz (max)
Clock Duty Cycle
40
% (min)
(Note 13)
60
% (max)
T
C
Conversion Time (Not Including
f
CLK = 1 MHz
8
1/f
CLK (max)
MUX Addressing Time)
8
µs (max)
t
CA
Acquisition Time
1
2
1/f
CLK(max)
t
SELECT
CLK High while CS is High
50
ns
t
SET-UP
CS Falling Edge or Data Input
25
ns (min)
Valid to CLK Rising Edge
t
HOLD
Data Input Valid after CLK
20
ns (min)
Rising Edge
t
pd1,tpd0
CLK Falling Edge to Output
C
L = 100 pF:
Data Valid (Note 14)
Data MSB First
250
ns (max)
Data LSB First
200
ns (max)
t
1H,t0H
TRI-STATE Delay from Rising Edge
C
L = 10 pF, RL = 10 kΩ
50
ns
of CS to Data Output and SARS Hi-Z
(see TRI-STATE Test Circuits)
C
L = 100 pF, RL = 2kΩ
180
ns (max)
C
IN
Capacitance of Logic Inputs
5
pF
C
OUT
Capacitance of Logic Outputs
5
pF
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional. These ratings do not guarantee specific performance limits. For guaranteed speci-
fications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance character-
istics may degrade when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to AGND = DGND = 0VDC, unless otherwise specified.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com