Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08034 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08034
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08034 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC08034 Datasheet HTML 7Page - National Semiconductor (TI) ADC08034 Datasheet HTML 8Page - National Semiconductor (TI) ADC08034 Datasheet HTML 9Page - National Semiconductor (TI) ADC08034 Datasheet HTML 10Page - National Semiconductor (TI) ADC08034 Datasheet HTML 11Page - National Semiconductor (TI) ADC08034 Datasheet HTML 12Page - National Semiconductor (TI) ADC08034 Datasheet HTML 13Page - National Semiconductor (TI) ADC08034 Datasheet HTML 14Page - National Semiconductor (TI) ADC08034 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Functional Description (Continued)
enabled and whether this input is single-ended or differential.
Differential inputs are restricted to adjacent channel pairs.
For example, channel 0 and channel 1 may be selected as a
differential pair but channel 0 or 1 cannot act differentially
with any other channel. In addition to selecting differential
mode the polarity may also be selected. Channel 0 may be
selected as the positive input and channel 1 as the negative
input or vice versa. This programmability is best illustrated by
the MUX addressing codes shown in the following tables for
the various product options.
The MUX address is shifted into the converter via the DI line.
Because the ADC08031 contains only one differential input
channel with a fixed polarity assignment, it does not require
addressing.
The common input line (COM) on the ADC08038 can be
used as a pseudo-differential input. In this mode the voltage
on this pin is treated as the “−” input for any of the other input
channels. This voltage does not have to be analog ground; it
can be any reference potential which is common to all of the
inputs. This feature is most useful in single-supply applica-
tions where the analog circuity may be biased up to a poten-
tial other than ground and the output signals are all referred
to this potential.
TABLE 1. Multiplexer/Package Options
Part
Number
Number of Analog
Channels
Number of
Package
Pins
Single-Ended
Differential
ADC08031
1
1
8
ADC08032
2
1
8
ADC08034
4
2
14
ADC08038
8
4
20
TABLE 2. MUX Addressing: ADC08038
Single-Ended MUX Mode
MUX Address
Analog Single-Ended Channel #
START
SGL/
ODD/
SELECT
01234567
COM
DIF
SIGN
1
0
11
0
0
0
+
11
0
0
1
+
11
0
1
0
+
11
0
1
1
+
11
1
0
0
+
11
1
0
1
+
11
1
1
0
+
11
1
1
1
+
TABLE 3. MUX Addressing: ADC08038
Differential MUX Mode
MUX Address
Analog Differential Channel-Pair #
START
SGL/
ODD/
SELECT
0123
DIF
SIGN
1001234567
10
0
0
0
+
10
0
0
1
+
10
0
1
0
+
10
0
1
1
+
10
1
0
0
+
10
1
0
1
+
10
1
1
0
+
10
1
1
1
+
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com