Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0811 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0811
Description  8-Bit Serial I/O A/D Converter With 11-Channel Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0811 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC0811 Datasheet HTML 1Page - National Semiconductor (TI) ADC0811 Datasheet HTML 2Page - National Semiconductor (TI) ADC0811 Datasheet HTML 3Page - National Semiconductor (TI) ADC0811 Datasheet HTML 4Page - National Semiconductor (TI) ADC0811 Datasheet HTML 5Page - National Semiconductor (TI) ADC0811 Datasheet HTML 6Page - National Semiconductor (TI) ADC0811 Datasheet HTML 7Page - National Semiconductor (TI) ADC0811 Datasheet HTML 8Page - National Semiconductor (TI) ADC0811 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
65V
Voltage
Inputs and Outputs
b
03V to VCC a03V
Input Current Per Pin (Note 3)
g
5mA
Total Package Input Current (Note 3)
g
20mA
Storage Temperature
b
65 Cto a150 C
Package Dissipation at TAe25 C
875 mW
Lead Temp (Soldering 10 seconds)
Dual-In-Line Package (plastic)
260 C
Dual-In-Line Package (ceramic)
300 C
Molded Chip Carrier Package
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
ESD Susceptibility (Note 11)
2000V
Operating Ratings (Notes12)
Supply Voltage (VCC)
45 VDC to 60 VDC
Temperature Range
TMINsTAsTMAX
ADC0811BCN ADC0811CCN
0 CsTAs70 C
ADC0811BCV
b
40 CsTAs85 C
ADC0811CCJ ADC0811CCV
b
40 CsTAs85 C
Electrical Characteristics
The following specifications apply for VCC e 475V to 525V VREF ea46V to (VCC a 01V) w2 CLK e 2097 MHz unless
otherwise specified Boldface limits apply from TMIN to TMAX all other limits TA e TJ e 25 C
Parameter
Conditions
ADC0811CCJ
ADC0811BCN ADC0811BCV
Units
ADC0811CCN ADC0811CCV
Typical
Tested
Design
Typical
Tested
Design
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7)
(Note 8)
(Note 7)
(Note 8)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Maximum Total
VREFe500 VDC
Unadjusted Error
(Note 4)
ADC0811BCN ADC0811BCV
g
g
LSB
ADC0811CCN ADC0811CCV
g
1
g
1
LSB
ADC0811CCJ
g
1
LSB
Minimum Reference
8
5
8
5
kX
Input Resistance
Maximum Reference
8
11
811
11
kX
Input Resistance
Maximum Analog Input Range
(Note 5)
VCCa005
VCCa005 VCCa005
V
Minimum Analog Input Range
GNDb005
GNDb005 GNDb005
V
On Channel Leakage Current
ADC0811BCJ CCJ BCN CCN
On Channele5V
1000
400
1000
nA
BCV CCV
Off Channele0V
ADC0811CJ BJ
1000
nA
ADC0811BCJ CCJ BCN CCN
On Channele0V
b
1000
b
400
b
1000
nA
BCV CCV
Off Channele5V
ADC0811BJ CJ
(Note 9)
b
1000
nA
Off Channel Leakage Current
ADC0811BCJ CCJ BCN CCN
On Channele5V
b
1000
b
400
1000
nA
BCV CCV
Off Channele0V
ADC0811CJ BJ
b
1000
nA
ADC0811BCJ CCJ BCN CCN
On Channele0V
1000
400
1000
nA
BCV CCV
Off Channele5V
ADC0811BJ CJ
(Note 9)
1000
nA
Minimum VTEST
VREFeVCC
(Note 10)
Internal Test Voltage
CH 11 Selected
125
125
125
Counts
Maximum VTEST
VREFeVCC
(Note 10)
Internal Test Voltage
CH 11 Selected
130
130
130
Counts
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com