Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0045 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0045
Description  High Dynamic Range Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0045 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V1
MAAMSS0045
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Noise Figure: 1.4 dB
 High Input IP3: +18 dBm at 8 V, 45 mA bias
+8 dBm at 3 V, 20 mA bias
 High Gain: 14 dB
 Single Supply: +3 to +8 VDC
 Adjustable current: 20 to 60 mA with external
resistor
 Lead-Free SOIC-8 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AM50-0004
Description
M/A-COM’s MAAMSS0045 is a high dynamic range,
GaAs MMIC, low noise amplifier in a lead-free
SOIC 8-lead, surface mount, plastic package.
It
employs external input matching to obtain optimum
noise figure performance and operating frequency
flexibility. The MAAMSS0045 also features flexible
biasing to control the current consumption vs.
dynamic range trade-off. The MAAMSS0045 can
operate from any positive supply voltage in the 3 V
to 8 V range. Its current can be controlled over a
range of 20 mA to 60 mA with an external resistor.
The MAAMSS0045 is ideally suited for use where
low noise figure, high gain, high dynamic range, and
low power consumption are required.
Typical
applications included receiver front ends in PDC,
DCS-1800, DCS-1900 and other PCN/PCS base
stations. It is also useful as a gain block, buffer,
driver, and IF amplifier in both fixed or portable PDC
and PCN/PCS systems.
The MAAMSS0045 is fabricated using a low-cost 0.5
-micron gate length GaAs process. The process
features full passivation for increased performance
and reliability.
The MAAMSS0045 is 100% RF
tested
to
ensure
performance
specification
compliance.
Pin Configuration
Pin No.
Pin Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control
(optional)
3
RF IN
RF Input of the amplifier
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RF OUT
RF Output of the amplifier
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Ordering Information 1,2
Part Number
Package
MAAMSS0045
Bulk Packaging
MAAMSS0045TR-3000
3000 piece reel
MAAMSS0045SMB
Sample Test Board
Functional Block Diagram
GND
REXT
RF IN
GND
GND
RF OUT
VDD
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAAMSS0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
MAAMSS0045SMB MACOM-MAAMSS0045SMB Datasheet
262Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0045SMB MA-COM-MAAMSS0045SMB Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results

Similar Description - MAAMSS0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
High Dynamic Range Low Noise Amplifier
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
High Dynamic Range Low Noise Amplifier
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com