Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0045 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0045
Description  High Dynamic Range Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0045 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V1
MAAMSS0045
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Cross Section View
RF Traces & Components
RF Ground
DC Routing
Customer Defined
The PCB dielectric between RF traces and RF ground
layers should be chosen to reduce RF discontinuities
between 50 Ω lines and package pins.
M/A-COM
recommends
an
FR-4
dielectric
thickness
of .008” (0.20 mm) yielding a 50 Ω lines width of
0.015” (0.38 mm). The recommended RF metalization
is 1 ounce copper.
The MAAMSS0045SMB Designer’s Kit allows for immediate evaluation of M/A-COM’s MAAMSS0045. The
Designer’s Kit includes an MAAMSS0045 mounted on an evaluation board and five loose MAAMSS0045’s. The
evaluation board consists of the recommended external surface mount circuitry, RF connectors, and a DC
multi-pin connector, all mounted to a multi-layer FR-4 PCB.
The MAAMSS0045SMB evaluation PCB is
illustrated below with all functional ports labeled.
Designer’s Kit MAAMSS0045SMB
Evaluation PCB & RF Connector Losses
Port Reference
Approximate RF Loss
RF In
0.15 dB @ 1785 MHz
RF Out
0.15 dB @ 1785 MHz
The DC connector on the Designer’s Kit PCB allows convenient
DC line access. This is accomplished by the one or more of the
following methods.
1.
A mating female multi-pin connector (Newark Electronics
Stock # 46F-4658, not included).
2.
Wires soldered to the necessary pins (not included).
3.
Clip leads (not included).
MAAMSS0045 Evaluation Board
Recommended PCB Configuration
Layout View



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com