Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0045SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0045SMB
Description  High Dynamic Range Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0045SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0045SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V1
MAAMSS0045
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current6
80 mA
Channel Temperature7
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. When pin #2 is used to increase current. (See note 9)
7. Thermal resistance (
jc) = +99°C/W.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged by
static electricity. Proper ESD control techniques should
be used when handling these devices.
Electrical Specifications: TA = +25°C, Z0 = 50 Ω, F = 1785 MHz, Pin = -30 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
5 V, 45 mA3
3 V, 20 mA
dB
dB
12.0
—
14
12.5
—
—
Noise Figure
5 V, 45 mA3
3 V, 20 mA
dB
dB
—
—
1.4
1.5
1.8
—
Input VSWR
—
Ratio
—
1.5:1
—
Output VSWR
—
Ratio
—
2.0:1
—
Output 1 dB Compression
5 V, 45 mA3
3 V, 20 mA
dBm
dBm
—
—
16.0
9.0
—
—
Input IP3
5 V, 45 mA3
3 V, 20 mA
dBm
dBm
13.0
—
15
8.0
—
—
Reverse Isolation
—
dB
—
22
—
Drain Current
5 V, 45 mA2
mA
30
45
60
3. Using external 15 Ω resistor. See functional schematic on page 3.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com