Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0045SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0045SMB
Description  High Dynamic Range Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0045SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0045SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V1
MAAMSS0045
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
External Components List 8
Part
Value
Case
Size
Manufacturer
Purpose
C1
47 pF
0603
Murata
DC Block
C2
47 pF
0603
Murata
By-Pass
L1
3.9 nH
0603
Coilcraft
Tuning
L2
12 nH
0603
Coilcraft
RF Choke
R1
see
note 9
0603
Panasonic
Optional
current control
8. All external circuitry parts are readily available, low cost
surface mount components (.060 in. x .030 in. or .080 in.
x .050 in.).
9. Pin 2 allows use of an external resistor to ground for
optional, higher current. For 20 mA operation, no resistor is
used.
For IDD ~ 30 mA, R1 = 39 ohms;
IDD ~ 45 mA, R1 = 15 ohms
IDD ~ 60 mA, R1 = 6 ohms.
Lead-Free SOIC-8†
Functional Schematic
RFIN
RFOUT
C1
L1
R1
(See note 9)
L2
VDD
1,4,5,8
6
3
7
2
C2
†
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com