Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0060 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0060
Description  Broadband CATV Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0060 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0060 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V2
MAAMSS0060
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Functional Schematic
Features
 75 Ω Input / Output Match
 CTB: -75 dBc
 Noise Figure: 1.8 dB
 Gain: 17 dB, 20 dB
 Lead Free SOT-89 Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAMSS0060 CATV amplifier is a
GaAs MMIC which exhibits low distortion in a lead
free miniature surface mount plastic package. The
MAAMSS0060 employs a monolithic single stage
design featuring a convenient 75 Ω input/output
impedance that minimizes the number of external
components required.
The MAAMSS0060 provides low noise and high
linearity. It is ideally suited for set top boxes, home
gateways, FTTX, Drop Amplifiers, and other
broadband internet based applications.
The MAAMSS0060 is fabricated using M/A-COM’s
PHEMT process to realize low noise and low
distortion. The process features full passivation for
robust performance and reliability.
Absolute Maximum Ratings 3,4,5
Parameter
Absolute Maximum
RF Input Power
6 dBm
Voltage
10.0 volts
Operating Temperature
-40°C to +85°C
Junction Temperature6
+150°C
Storage Temperature
-65°C to +150°C
Pin Configuration
Pin No.
Pin Name
Description
1
RFIN
RF Input
2
GND
Ground
3
RFOUT
RF Output / Drain Supply
Ordering Information 1,2
Part Number
Package
MAAMSS0060
Bulk Packaging
MAAMSS0060TR
1000 piece reel
MAAMSS0060TR-3000
3000 piece reel
MAAM-000060-001SMB2
17 dB Gain Configuration
MAAM-000060-002SMB2
20 dB Gain Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
RFIN
RFOUT
Pin 1
GND
GND
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near these
survivability limits.
5. These operating conditions will ensure MTTF > 1 x 106 hours.
6. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 58° C/W.
a) For TC = 25°C,
TJ = 81°C @ 8 V, 120 mA
b) For TC = 85°C,
TJ = 136 °C @ 8 V, 110 mA


Similar Part No. - MAAMSS0060

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0060 MACOM-MAAMSS0060 Datasheet
183Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier
logo
Tyco Electronics
MAAMSS0060TR MACOM-MAAMSS0060TR Datasheet
183Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0060TR MA-COM-MAAMSS0060TR Datasheet
188Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
More results

Similar Description - MAAMSS0060

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009633 MA-COM-MAAM-009633 Datasheet
203Kb / 4P
Broadband CATV Amplifier
MAAM-010373 MA-COM-MAAM-010373 Datasheet
195Kb / 5P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier
MAAM-009100 MA-COM-MAAM-009100 Datasheet
164Kb / 4P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_15 Datasheet
169Kb / 4P
Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042_15 Datasheet
158Kb / 4P
Broadband CATV Amplifier
MAAM-009100 MA-COM-MAAM-009100_15 Datasheet
887Kb / 5P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_16 Datasheet
892Kb / 5P
Broadband CATV Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com