Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0060 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0060
Description  Broadband CATV Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0060 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0060 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0060 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V2
MAAMSS0060
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
17 & 20 dB Gain Configuration Schematic
Including Off-Chip Components
17 & 20 dB Gain Configuration
Recommended Board Layout
17 dB Gain Configuration
Off-Chip Component Values
Component
Value
Package
C1,C3,C4
0.01 µF
0402
C2
470 pF
0402
C5
0.7 pF
0402
L17
1 µH
1210
L2
4.7 nH
0402
L3
8.2 nH
0402
R1
560 Ω
0402
R2
91 Ω
0402
7. L1 supplied from EPCOS, part number B82422A1102K100
RFOUT
C4
L1
C1
C2
VDD
Pin 1
L2
C3
R1
RFIN
C5
R2
L3
20 dB Gain Configuration
Off-Chip Component Values
8. L1 supplied from EPCOS, part number B82422A1152K100
Component
Value
Package
C1,C2,C3,C4
0.01 µF
0402
C5
0.75 pF
0402
L18
1.5 µH
1210
L2
10 nH
0402
L3
12 nH
0402
R1
750 Ω
0402
R2
360 Ω
0402



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com