Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08131 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08131
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08131 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC08131 Datasheet HTML 1Page - National Semiconductor (TI) ADC08131 Datasheet HTML 2Page - National Semiconductor (TI) ADC08131 Datasheet HTML 3Page - National Semiconductor (TI) ADC08131 Datasheet HTML 4Page - National Semiconductor (TI) ADC08131 Datasheet HTML 5Page - National Semiconductor (TI) ADC08131 Datasheet HTML 6Page - National Semiconductor (TI) ADC08131 Datasheet HTML 7Page - National Semiconductor (TI) ADC08131 Datasheet HTML 8Page - National Semiconductor (TI) ADC08131 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
CC = +5 VDC,VREF = +2.5 VDC and fCLK = 1 MHz unless otherwise specified. Bold-
face limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
DIGITAL AND DC CHARACTERISTICS
I
SINK
Output Sink Current
V
OUT = VCC
8.0
mA (min)
Supply Current
I
CC
ADC08134, ADC08138
CS = HIGH
3.0
mA (max)
ADC08131 (Note 16)
6.0
mA (max)
Electrical Characteristics
The following specifications apply for V
CC = +5 VDC, and fCLK = 1 MHz unless otherwise specified. Boldface limits apply for
T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
REFERENCE CHARACTERISTICS
V
REFOUT
Output Voltage
DC08134, ADC08138
2.5
±2%
2.5 ±1.5%
V
∆V
REF/∆T
Temperature Coefficient
40
ppm/˚C
∆V
REF/∆IL
Load Regulation (Note 17)
Sourcing
(0
≤ I
L ≤ +4 mA)
ADC08134,
ADC08138
0.003
0.1
%/mA
(max)
Sourcing
(0
≤ I
L ≤ +2 mA)
ADC08131
0.003
0.1
Sinking
(−1
≤ I
L ≤ 0 mA)
ADC08134,
ADC08138
0.2
0.5
Sinking
(−1
≤ I
L ≤ 0 mA)
ADC08131
0.2
0.5
Line Regulation
4.75V
≤ V
CC ≤ 5.25V
0.5
6
mV (max)
V
REF = 0V
mA
(max)
ADC08134,
8
25
I
SC
Short Circuit Current
ADC08138
V
REF = 0V
8
25
ADC08131
T
SU
Start-Up Time
V
CC:0V → 5V
20
ms
C
L = 100 µF
∆V
REF/∆t
Long Term Stability
200
ppm/1 kHr
Electrical Characteristics
The following specifications apply for V
CC = +5 VDC,VREF = +2.5 VDC and tr = tf = 20 ns unless otherwise specified. Boldface
limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
CLK
Clock Frequency
10
kHz (min)
1
MHz (max)
Clock Duty Cycle
40
% (min)
(Note 14)
60
% (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com