Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08131 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08131
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08131 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC08131 Datasheet HTML 1Page - National Semiconductor (TI) ADC08131 Datasheet HTML 2Page - National Semiconductor (TI) ADC08131 Datasheet HTML 3Page - National Semiconductor (TI) ADC08131 Datasheet HTML 4Page - National Semiconductor (TI) ADC08131 Datasheet HTML 5Page - National Semiconductor (TI) ADC08131 Datasheet HTML 6Page - National Semiconductor (TI) ADC08131 Datasheet HTML 7Page - National Semiconductor (TI) ADC08131 Datasheet HTML 8Page - National Semiconductor (TI) ADC08131 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ADC08131/ADC08134/ADC08138
8-Bit High-Speed Serial I/O A/D Converters with
Multiplexer Options, Voltage Reference, and Track/Hold
Function
General Description
The ADC08131/ADC08134/ADC08138 are 8-bit successive
approximation A/D converters with serial I/O and config-
urable input multiplexers with up to 8 channels. The serial
I/O is configured to comply with the NSC MICROWIRE™ se-
rial data exchange standard for easy interface to the
COPS™ family of controllers, and can easily interface with
standard shift registers or microprocessors.
All three devices provide a 2.5V band-gap derived reference
with guaranteed performance over temperature.
A track/hold function allows the analog voltage at the positive
input to vary during the actual A/D conversion.
The analog inputs can be configured to operate in various
combinations
of
single-ended,
differential,
or
pseudo-differential modes. In addition, input voltage spans
as small as 1V can be accommodated.
Applications
n Digitizing automotive sensors
n Process control/monitoring
n Remote sensing in noisy environments
n Embedded diagnostics
Features
n Serial digital data link requires few I/O pins
n Analog input track/hold function
n 4- or 8-channel input multiplexer options with address
logic
n On-chip 2.5V band-gap reference (±2% over
temperature guaranteed)
n No zero or full scale adjustment required
n TTL/CMOS input/output compatible
n 0V to 5V analog input range with single 5V power
supply
Key Specifications
n Resolution
8 Bits
n Conversion time (fC = 1 MHz)
8 µs (Max)
n Power dissipation
20 mW (Max)
n Single supply
5 V
DC (±5%)
n Total unadjusted error
±1⁄2 LSB and ±1 LSB
n Linearity Error (VREF = 2.5V)
±1⁄2 LSB
n No missing codes (over temperature)
n On-board Reference
+2.5V ±1.5% (Max)
Ordering Information
Industrial
Package
(−40˚C
≤ T
A ≤ +85˚C)
ADC08131CIWM
M14B
ADC08134CIWM
M14B
ADC08138CIWM
M20B
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
COPS™ microcontrollers and MICROWIRE™ are trademarks of National Semiconductor Corporation.
June 1999
© 1999 National Semiconductor Corporation
DS010749
www.national.com


Similar Part No. - ADC08131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08131 TI1-ADC08131 Datasheet
789Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters
ADC08131 TI1-ADC08131_13 Datasheet
789Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters
More results

Similar Description - ADC08131

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC08231 NSC-ADC08231 Datasheet
419Kb / 24P
8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com