Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 4 Page - Texas Instruments

Part # REG710
Description  Buck-Boost Charge Pump
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG710 Datasheet(HTML) 4 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REG71050, REG71055, REG710
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
www.ti.com
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
INPUT VOLTAGE
REG71055
3
5.5
V
Tested Startup(1)
REG710-5
2.7
5.5
V
All other models
1.8
5.5
V
TA
Operating ambient temperature range
–40
85
°C
(1)
See conditions under Output Voltage with a resistive load no lower than typical VOUT/IOUT in Electrical Characteristics.
7.4 Thermal Information
REG710
THERMAL METRIC(1)
DRV
DDC
DBV
UNIT
6 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
119.1
204.6
184.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
110.5
50.5
124.6
°C/W
RθJB
Junction-to-board thermal resistance
88.7
54.3
30.6
°C/W
ψJT
Junction-to-top characterization parameter
7.7
0.8
22.1
°C/W
ψJB
Junction-to-board characterization parameter
89
52.8
30.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
61.8
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
TA = -40ºC to 85ºC, typical values are at TA = 25°C (unless otherwise noted), VIN = (VOUT / 2 + 0.75 V), IOUT = 10 mA, CIN =
COUT = 2.2 μF, CPUMP = 0.22 μF, and VENABLE = 1.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range. Tested Startup.
See conditions under Output Voltage
REG71055
3
5.5
with a resistive load no lower than
REG710-5
2.7
5.5
V
typical VOUT/IOUT.
All other models
1.8
5.5
IQ
Operating quiescent current
IOUT = 0 mA, TA = 25°C
65
100
μA
VIN = 1.8 V to 5.5 V, Enable = 0 V, TA
ISD
Shutdown current
0.01
1
μA
= 25°C
CONTROL SIGNALS (ENABLE)
Logic high input voltage
VIN = 1.8 V to 5.5 V
1.3
VIN
V
Logic low input voltage
VIN = 1.8 V to 5.5 V
–0.2
0.4
V
Logic high input current
VIN = 1.8 V to 5.5 V, TA = 25°C
100
nA
Logic low input current
VIN = 1.8 V to 5.5 V, TA = 25°C
100
nA
OSCILLATOR FREQUENCY(1)
1
MHz
(1)
The converter regulates by enabling and disabling periods of switching cycles. The switching frequency is the oscillator frequency during
an active period.
4
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com