Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 8 Page - Texas Instruments

Part # REG710
Description  Buck-Boost Charge Pump
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG710 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
V
IN
Enable
3
5
4
6
1
V
OUT
2
GND
Thermal
Control
&
REG710
C
IN
2.2 F
m
C
OUT
2.2 F
m
C
PUMP
0.22 F
m
REG71050, REG71055, REG710
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
www.ti.com
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Shutdown Mode
The EN pin enables the IC when pulled high and places it into energy-saving shutdown mode when pulled low.
When in shutdown mode, the output is disconnected from the input and the quiescent current is reduced to 0.01
μA typical. This shutdown mode functionality is only valid when VIN is above the minimum recommended
operating voltage. The EN pin cannot be left floating and must be actively terminated either high or low.
8.3.2 Protection
The regulator includes thermal shutdown circuitry protecting the device from damage caused by overload
conditions. The thermal protection circuitry disables the output when the junction temperature reaches
approximately 160°C, allowing the device to cool. When the junction temperature cools to approximately 140°C,
the output circuitry is automatically reenabled. Continuously operating the regulator into thermal shutdown can
degrade reliability. The regulator also provides current limit to protect itself and the load.
8.4 Device Functional Modes
8.4.1 Peak Current Reduction
In normal operation, the charging of the pump and the output capacitors usually leads to relatively high peak
input currents which can be much higher than the average load current. The regulator incorporates circuitry to
limit the input peak current, lowering the total EMI emission and lowering the output voltage ripple and the input
current ripple. The Input capacitor (CIN) supplies most of the charge required by the input current peaks.
8.4.2 Efficiency
The efficiency of the charge pump regulator varies with the output voltage version, the applied input voltage, the
load current, and the internal operation mode of the device.
The approximate efficiency is given by:
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com