Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0019SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0019SMB
Description  Digital Attenuator, 4-Bit, Single Control, 15 dB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0019SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0019SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0019SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0019SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0019SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0019SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Attenuator, 4-Bit, Single Control, 15 dB
0.5 - 4.0 GHz
Rev. V3
MAATSS0019
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
dB
dB
dB
dB
1.3
1.6
1.8
2.5
1.6
Attenuation Accuracy
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 4.0 GHz
± (0.25 dB +5% of Atten. setting in dB) dB
± (0.4 dB +5% of Atten. setting in dB) dB Typical
± (0.6 dB +5% of Atten. setting in dB) dB Typical
VSWR
0.5 - 2.0 GHz
2.0 - 4.0 GHz
Ratio
Ratio
1.3:1
1.3:1
Trise, Tfall
µS
2.5
Ton, Toff
µS
1.0
Input P1dB
> 0.5 GHz
dBm
24
IP2
Measured Relative to Input Power, Two Tone
input up to 5 dBm, 5 MHz Spacing > 0.5 GHz
dBm
80
IP3
Measured Relative to Input Power, Two Tone
input up to 5 dBm, 5 MHz Spacing > 0.5 GHz
dBm
47
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table 7,8
VC1
VC2
VC3
VC4
Attenuation (dB)
1
1
1
1
Reference IL
1
1
1
0
1
1
1
0
1
2
1
0
1
1
4
0
1
1
1
8
0
0
0
0
15
7. 0 = 0 ± 0.2 V, 1 = +5 V @ 50 µA max. current total.
8. VS = +5 V.
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
Input Power
50 MHz
500 - 4000 MHz
+27 dBm
+34 dBm
Control Voltage
+8 V, -1.0 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com