Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0019SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0019SMB
Description  Digital Attenuator, 4-Bit, Single Control, 15 dB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0019SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0019SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0019SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0019SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0019SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0019SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Digital Attenuator, 4-Bit, Single Control, 15 dB
0.5 - 4.0 GHz
Rev. V3
MAATSS0019
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
Relative Attenuation
Input Return Loss
Attenuation Accuracy
Input IP3
Output Return Loss
Insertion Loss
0
2
4
6
8
10
12
14
16
0
1
2
3
4
Frequency (GHz)
-40
-30
-20
-10
0
0
1
2
3
4
IL
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
1
2
3
4
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)
-40
-30
-20
-10
0
0
1
2
3
4
IL
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)
0
1
2
3
4
5
0
1
2
3
4
Frequency (GHz)
30
35
40
45
50
0
1
2
3
4
IL
1 dB
2 dB
4 dB
8 dB
15 dB
Frequency (GHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com