Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0040 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0040
Description  1:1 Transmission Line Transformer, with center tap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0040 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MABACT0040 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1:1 Transmission Line Transformer, with center tap
5 – 1218 MHz
Rev. V3
MABACT0040
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, Pin = 0 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range
—
MHz
5
—
1218
Impedance
—
Ω
—
75
—
Impedance Ratio
—
Ratio
—
1:1
—
Insertion Loss 1
(Pin5 - Pin1)
5 - 1218 MHz
dB
—
1.0
1.6
Insertion Loss 2
(Pin5 - Pin3)
5 - 1218 MHz
dB
—
1.1
1.6
Amplitude Balance
5 - 1000 MHz
1000 - 1218 MHz
dB
dB
—
0.1
0.07
±0.5
±0.7
Phase Balance
(ref value 180˚)
5 - 1218 MHz
º
—
2.5
±10
Input Return Loss
(Pin5)
5 - 1218 MHz
dB
16
22
—
Recommended Maximum Ratings
Parameter
Maximum Rating
Input Power
500 mW
DC Current
500 mA
Operating Temperature
-40°C to +105°C
Application Schematic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com