Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0040 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0040
Description  1:1 Transmission Line Transformer, with center tap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0040 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MABACT0040 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1:1 Transmission Line Transformer, with center tap
5 – 1218 MHz
Rev. V3
MABACT0040
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Functional Schematic
Ordering Information
Pin Configuration
Pin No.
Function
1
Secondary Dot (output 1)
2
Secondary center tap (ground)
3
Secondary (output 2)
4
Primary (ground)
5
Primary Dot (input)
Part Number
Package
MABACT0040
Tape & Reel
MABACT0040-TB
Customer Test Board
Features
 1:1 impedance
 Surface mount
 Center tape on secondary
 Available on tape and reel
 260º reflow compatible
 RoHS compliant and Pb free
Description
MABACT0040
is
a
1:1
transmission
line
transformer in a low cost surface mount package.
Excellent return loss.
Ideally suited for high volume CATV Broadband
applications.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.


Similar Part No. - MABACT0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0040 MACOM-MABACT0040 Datasheet
82Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0040 MA-COM-MABACT0040 Datasheet
84Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
MABACT0040 MA-COM-MABACT0040 Datasheet
88Kb / 3P
1:1 Transmission Line Transformer, with center tap
logo
Tyco Electronics
MABACT0040TR MACOM-MABACT0040TR Datasheet
82Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0040TR MA-COM-MABACT0040TR Datasheet
84Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
More results

Similar Description - MABACT0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0040 MACOM-MABACT0040 Datasheet
82Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0040 MA-COM-MABACT0040 Datasheet
84Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0059_V4 MA-COM-MABACT0059_V4 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABACT0040 MA-COM-MABACT0040 Datasheet
88Kb / 3P
1:1 Transmission Line Transformer, with center tap
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABAES0029 MA-COM-MABAES0029_15 Datasheet
757Kb / 5P
Transformer, 1:1 Transmission Line with Tap Transformer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com