Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL401B Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 15Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
SMBus Table: Frequency Select Control Register
Byte 3 Name
Control Function
Type
0
1
Default
7
Reserved
1
6
Reserved
1
5
Reserved
0
4
Reserved
0
3
Reserved
0
2
Reserved
1
1
Reserved
1
0
Reserved
1
SMBus Table: Revision and Vendor ID Register
Byte 5 Name
Control Function
Type
0
1
Default
7
RID3
Revision ID
R
A rev = 0000
0
6
RID2
R
0
5
RID1
R
0
4
RID0
R
0
3
VID3
VENDOR ID
R
0
2
VID2
R
0
1
VID1
R
0
0
VID0
R
0
1
SLEWRATE-
SEL DIF0
Slew Rate Selection
RW
2 V/ns
3 V/ns
1
0
Reserved
1
SMBus Table: DIF Slew Rate Control Register Cont...
Byte 2 Name
Control Function
Type
0
1
Default
Byte 4 is Reserved and reads back 'hFF
16-0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com