Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL401B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CDBL401B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
Pin Descriptions
Pin# Pin Name
Type
Description
1
HIBW_BYPM_
LOBW#
Input
Trilevel input to select High BW, Bypass or Low BW mode. See PLL Operating
Mode Table for Details.
2
FB_DNC
Output
True clock of differential feedback. The feedback output and feedback input are
connected internally on this pin. Do not connect anything to this pin.
3
FB_DNC#
Output
Complement clock of differential feedback. The feedback output and feedback
input are connected internally on this pin. Do not connect anything to this pin.
4
VDDR3.3
Power
3.3V power for differential input clock (receiver). This VDD should be treated as
an Analog power rail and filtered appropriately.
5
CLK_IN
Input
True Input for differential reference clock.
6
CLK_IN#
Input
Complementary Input for differential reference clock.
7
GNDR
Power
Analog Ground pin for the differential input (receiver)
8
GNDDIG
Power
Ground pin for digital circuitry
9
VDDDIG3.3
Power
3.3V digital power (dirty power)
10
SCLK_3.3
Input
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
Input/Output Data pin for SMBus circuitry, 3.3V tolerant.
12
OE0#
Input
Active low input for enabling DIF pair 0. This pin has an internal pull-down. 1
=disable outputs, 0 = enable outputs
13
CLK0
Output
Differential true clock output
14
CLK0#
Output
Differential Complementary clock output
15
GND
Power
Ground pin.
16
VDDO1.8
Power
Power supply for outputs, range from 1.8V~3.3V.
17
OE1#
Input
Active low input for enabling DIF pair 1. This pin has an internal pull-down. 1
=disable outputs, 0 = enable outputs
18
CLK1
Output
Differential true clock output
19
CLK1#
Output
Differential Complementary clock output
20
GNDA
Power
Ground pin for the PLL core.
21
VDDA3.3
Power
3.3Vpower for the PLL core.
22
CLK2
Output
Differential true clock output
23
CLK2#
Output
Differential Complementary clock output
24
OE2#
Input
Active low input for enabling DIF pair 2. This pin has an internal pull-down. 1
=disable outputs, 0 = enable outputs
25
VDDO1.8
Power
Power supply for outputs, range from 1.8V~3.3V.
26
GND
Power
Ground pin.
27
CLK3
Output
Differential true clock output
28
CLK3#
Output
Differential Complementary clock output
29
OE3#
Input
Active low input for enabling DIF pair 3. This pin has an internal pull-down. 1
=disable outputs, 0 = enable outputs
30
GND
Power
Ground pin.
16-0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com