Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC424LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC424LP3
Description  0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC424LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC424LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
9 - 97
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC424LP3
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz
v04.0604
Evaluation PCB
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the
ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom
ground planes. The evaluation circuit board shown is available from Hittite upon request.
List of Material
* R1 - R6 = 100 Ohm.
These resistors are optional
and may be used to enhance
decoupling of the RF path
from the control inputs.
Item
Description
J1 - J2
PC Mount SMA Connector
J3
8 Pin DC Connector
C1
0.01 µF Capacitor, 0603 Pkg.
R1 - R6
100 Ohm Resistor, 0603 Pkg.
U1
HMC424LP3 Digital Attenuator
PCB*
105245 Evaluation PCB
* Circuit Board Material: Rogers 4350



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com