Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC424LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC424LP3
Description  0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC424LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC424LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
9 - 94
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC424LP3
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz
v04.0604
Truth Table
Control Voltage
Bias Voltage & Current
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
1234567
89
10 11 12 13 14 15
FREQUENCY (GHz)
Worst Case Step Error
Between Successive Attenuation States
Control Voltage Input
Attenuation
State
RF1 - RF2
V1
16 dB
V2
8 dB
V3
4 dB
V4
2 dB
V5
1 dB
V6
0.5 dB
Low
Low
Low
Low
Low
Low
Reference
I.L.
Low
Low
Low
Low
Low
High
0.5 dB
Low
Low
Low
Low
High
Low
1 dB
Low
Low
Low
High
Low
Low
2 dB
Low
Low
High
Low
Low
Low
4 dB
Low
High
Low
Low
Low
Low
8 dB
High
Low
Low
Low
Low
Low
16 dB
High
High
High
High
High
High
31.5 dB
Any Combination of the above states will provide
an attenuation approximately equal to the sum of
the bits selected.
State
Bias Condition
Low
0 to -3V @ 70 µA Typ.
High
-5 to -4.2V @ 5 µA Typ.
Vee Range= -5.0 Vdc ± 10%
Vee
(VDC)
Iee (Typ.)
(mA)
Iee (Max.)
(mA)
-5.0
2
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com