Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL201BZDIEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6CFGL201BZDIEX
Description  2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL201BZDIEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6CFGL201BZDIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.pericom.com
PI6CFGL201B
RevB
03/16/16
All trademarks are property of their respective owners.
PI6CFGL201B
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
Symbol
Parameters
Condition
Min.
Type
Max. Units
Electrical Characteristics–Input/Supply/Common Parameters
(Based on T
A = -40~85
o
C; VDD = 3.3V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for Loading Conditions)
t
F
Fall time1,2
Control inputs
5
ns
t
R
Rise time1,2
Control inputs
5
ns
V
ILSMB
SMBus Input Low Voltage1
0.8
V
V
IHSMB
SMBus Input High Voltage1
2.1
3.6
V
V
OLSMB
SMBus Output Low Voltage1
@ I
PULLUP
0.4
V
I
PULLUP
SMBus Sink Current1
@ V
OL
4
mA
V
DDSMB
Nominal Bus Voltage1
3.3V bus voltage
2.7
3.6
V
t
RSMB
SCLK/SDATA Rise Time1
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
t
FSMB
SCLK/SDATA Fall Time1
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
f
MAXSMB
SMBus Operating
Frequency1,5
Maximum SMBus operating frequency
400
kHz
Electrical Characteristics–CLK 0.7V Low Power HCSL Outputs
(T
A = -40~85
o
C; VDD = 3.3V +/-10%; VDDO = 1.8V +/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Type Max. Units
trf
Slew rate1,2,3
Scope averaging on 1.5V/ns setting
0.9
1.4
1.9
V/ns
Scope averaging on 3.0V/ns setting
1.8
2.9
4
V/ns
Δtrf
Slew rate matching1,2,4
Slew rate matching, Scope averaging on
20
%
V
OH
Voltage High1,7
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope averaging
on)
660
850
mV
V
OL
Voltage Low1,7
-150
150
mV
Vmax
Max Voltage1
Measurement on single ended signal using
absolute value. (Scope averaging off)
1150
mV
Vmin
Min Voltage1
-300
mV
Vswing
Vswing1,2,7
Scope averaging off
300
mV
Vcross_abs Crossing Voltage (abs)
1,
5, 7
Scope averaging off
250
550
mV
Δ-Vcross
Crossing Voltage (var)1,6
Scope averaging off
140
mV
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
3. Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around differential 0V.
4. Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the average cross point
where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calcula-
tions.
5. Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e. Clock rising and
Clock# falling).
6. The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross absolute) allowed. The intent is
to limit Vcross induced modulation by setting Δ-Vcross to be smaller than Vcross absolute.
7. At default SMBus settings.
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Control input must be monotonic from 20% to 80% of input swing. Input Frequency Capacitance
3. Time from deassertion until outputs are >200 mV
4. The differential input clock must be running for the SMBus to be active
15-0134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com