Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL201BZDIEX Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI6CFGL201BZDIEX
Description  2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL201BZDIEX Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI6CFGL201BZDIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CFGL201BZDIEX Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
www.pericom.com
PI6CFGL201B
RevB
03/16/16
All trademarks are property of their respective owners.
PI6CFGL201B
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
SMBus Table: Device Type/Device ID
BYTE 6
Bit
Name
Control Function
Type 0
1
Default
7
Device Type1
Device Type
R
00 = FGV, 01 = DBV,
10 = DMV, 11= Reserved
0
6
Device Type0
R
0
5
Device ID5
Device ID
R
00010 binary or 02 hex
0
4
Device ID4
R
0
3
Device ID3
R
0
2
Device ID2
R
0
1
Device ID1
R
1
0
Device ID0
R
0
SMBus Table: Byte Count Register
BYTE 7
Bit
Name
Control Function
Type 0
1
Default
7
Reserved
0
6
Reserved
0
5
Reserved
0
4
Reserved
0
3
Reserved
0
2
Reserved
0
1
Reserved
0
0
Reserved
0
15-0134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com