Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL401B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6CFGL401B
Description  4-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL401B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CFGL401B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.pericom.com
06/05/15
All trademarks are property of their respective owners.
PI6CFGL401B
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
Electrical Characteristics–Current Consumption
(T
A = -40~85
o
C; VDD = 3.3V +/- 10%; VDDO = 1.8V +/- 10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Type Max. Units
I
DDAOP
Operating Supply Current1
VDDA3.3, All outputs active @100MHz
40
mA
I
DDOP
Total power consumption, All outputs active
@100MHz
53
mA
I
DDSUSP
Suspend Supply Current1
VDDREF1.8, CKPWRGD_PD# = 0, Wake-On-
LAN enabled
8
mA
I
DDPD
Powerdown Current1,2
CKPWRGD_PD#=0
1.3
mA
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Assuming REF is not running in power down state.
Electrical Characteristics–Differential Output Duty Cycle, Jitter, and Skew
Characterisitics
(T
A = -40~85
o
C; VDD = 3.3V +/- 10%; VDDO = 1.8V +/- 10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Type Max. Units
t
DC
Duty Cycle1
Measured differentially, PLL Mode
45
55
%
t
sk3
Skew, Output to Output1
V
T = 50%
50
ps
t
jcyc-cyc
Jitter, Cycle to cycle1
PLL mode
50
ps
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform.
Supply Voltage to Ground Potential......................................................4.6V
All Inputs and Output.....................................................-0.5V toVDD+0.5V
Ambient Operating Temperature........................................... -40 to +85°C
Storage Temperature.......................................................... –65°C to +150°C
Junction Temperature .......................................................................... 125°C
Soldering Temperature.........................................................................260°C
ESD Protection (Input) ...........................................................2000V(HBM)
Note: Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
15-0072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com