Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL401B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CFGL401B
Description  4-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL401B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CFGL401B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.pericom.com
06/05/15
All trademarks are property of their respective owners.
PI6CFGL401B
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
Pin Description
Pin# Pin Name
Type
Description
1
GNDXTAL
Power
GND for XTAL
2
XTAL_IN
Input
Crystal input or Reference Clock input. Nominally 25MHz.
3
XTAL_OUT
Output
Crystal output.
4
VDDXTAL
Power
3.3 Power supply for XTAL.
5
VDDREF1.8
Power
VDD for REF output. nominal 1.8V.
6
SADR/REF1.8 Input/Output Latch to select SMBus Address/1.8V LVCMOS Ref output.
7
GNDREF
Power
Ground pin for the REF outputs.
8
GNDDIG
Power
Ground pin for digital circuitry.
9
VDDDIG3.3
Power
3.3V digital power (dirty power)
10
SCLK_3.3
Input
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
Input/Output Data pin for SMBus circuitry, 3.3V tolerant.
12
OE0#
Input
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
13
CLK0
Output
Differential true clock output
14
CLK0#
Output
Differential Complementary clock output
15
GND
Power
Ground pin.
16
VDDO1.8
Power
Power supply for outputs, nominally 1.8V, range 1.05V~3.3V.
17
OE1#
Input
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
CLK1
Output
Differential true clock output
19
CLK1#
Output
Differential Complementary clock output
20
GNDA
Power
Ground pin for the PLL core.
21
VDDA3.3
Power
3.3V power for the PLL core.
22
CLK2
Output
Differential true clock output.
23
CLK2#
Output
Differential Complementary clock output.
24
OE2#
Input
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
25
VDDO1.8
Power
Power supply for outputs, nominally 1.8V, range 1.05V~3.3V.
26
GND
Power
Ground pin.
27
CLK3
Output
Differential true clock output
28
CLK3#
Output
Differential Complementary clock output
29
OE3#
Input
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
30
GND
Power
Ground pin.
31
CKPWRGD_
PD#
Input
Input notifies device to sample latched inputs and start up on first high assertion. Low
enters Power Down Mode, subsequent high assertions exit Power Down Mode. This pin
has internal pull-up resistor.
32
SS_EN_tri
Input
Latched select input to select spread spectrum amount at initial power up :
1 = -0.5% spread, M = -0.25%, 0 = Spread Off
15-0072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com