Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC438MS8G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC438MS8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC438MS8G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC438MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC438MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
10 - 96
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
HMC438MS8G
SMT GaAs HBT MMIC
DIVIDE-BY-5, DC - 7.0 GHz
General Description
Features
Functional Diagram
The HMC438MS8G is a low noise Divide-by-5 Static
Divider utilizing InGaP GaAs HBT technology in a
low cost 8 lead surface mount plastic package. This
device operates from DC (with a square wave input)
to 7.0 GHz input frequency from a single +5.0V DC
supply. The low additive SSB phase noise of -153
dBc/Hz at 100 kHz offset helps the user maintain
good system noise performance.
SSB Phase Noise: -153 dBc/Hz @100KHz
Wide Bandwidth
Output Power: -1 dBm
Single DC Supply: +5V @ 80 mA
MS8G SMT Package
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= 5V
Typical Applications
Prescaler for DC to C Band PLL Applications:
• UNII, Pt. - Pt. & VSAT Radios
• 802.11a & HiperLAN WLAN
• Fiber Optic
• Cellular / 3G Infrastructure
1. Divider will operate down to DC for square-wave input signal.
v01.1002
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
7.0
7.5
GHz
Minimum Input Frequency
Sine Wave Input [1]
0.1
GHz
Input Power Range
Fin= 1 to 5 GHz
-12
-15
+12
dBm
Fin= 5 to 6 GHz
-12
-15
+10
dBm
Fin= 6 to 7 GHz
-10
-15
+5
dBm
Output Power
-4
-1
dBm
Reverse Leakage
Both RF Outputs Terminated
-50
dBm
SSB Phase Noise (100 kHz offset)
Pin= 0 dBm, Fin= 6 GHz
-153
dBc/Hz
Output Transition Time
Pin= 0 dBm, Fout= 882 MHz
100
ps
Supply Current (Icc)
80
mA


Similar Part No. - HMC438MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC438MS8G HITTITE-HMC438MS8G Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
logo
Analog Devices
HMC438MS8G AD-HMC438MS8G Datasheet
483Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Hittite Microwave Corpo...
HMC438MS8GE HITTITE-HMC438MS8GE Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Analog Devices
HMC438MS8GE AD-HMC438MS8GE Datasheet
483Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
More results

Similar Description - HMC438MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC437MS8G HITTITE-HMC437MS8G Datasheet
227Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC438MS8G HITTITE-HMC438MS8G_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G_06 Datasheet
311Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC438MS8G HITTITE-HMC438MS8G_10 Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC438MS8G AD-HMC438MS8G Datasheet
483Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com