Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2AF Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ER2AF
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ER2AF Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ER2AF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ER2AF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER2AF THRU ER2JF
SURFACE MOUNT SUPER FAST RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
50.0
0.95
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
R
θJA
CJ
TJ,TSTG
40.0
60.0
-50 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
35
ns
ER2AF ER2BF ER2CF ER2DF ER2EF ER2GF ER2JF
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
150
105
150
400
280
400
600
420
600
200
140
200
300
210
300
1.25
1.7
FEATURES
MECHANICAL DATA
MDD Catalog Number
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds at terminals
Glass passivated chip junction
Super fast switching for high efficiency
Case
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.0018 ounce, 0.064 grams
: JEDEC SMAF molded plastic body over passivated chip
Dimensions in inches and (millimeters)
SMAF
Cathode Band
Top View
0.130(3.3)
0.146(3.7)
0.193(4.90)
0.173(4.40)
0.106(2.70)
0.094(2.40)
0.051(1.30)
0.063(1.60)
0.051(1.30)
0.043(1.10)
0.0091(0.23)
0.0071(0.18)
0.051(1.30)
0.039(1.0)


Similar Part No. - ER2AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2AF PANJIT-ER2AF Datasheet
387Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
ER2AF ETC2-ER2AF Datasheet
953Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
ER2AF SUNMATE-ER2AF Datasheet
318Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Pan Jit International I...
ER2AF_R1_00001 PANJIT-ER2AF_R1_00001 Datasheet
387Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
ER2AF_R2_00001 PANJIT-ER2AF_R2_00001 Datasheet
387Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ER2AF

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com