Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC461LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC461LP3
Description  InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC461LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC461LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MICROWAVE CORPORATION
8 - 272
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC461LP3
InGaP HBT 1 Watt High IP3
AMPLIFIER, 1.7 - 2.2 GHz
v01.0604
General Description
Features
Functional Diagram
The HMC461LP3 is a 1.7 - 2.2 GHz high
output IP3 GaAs InGaP Heterojunction Bipolar
Transistor (HBT) dual-channel MMIC amplifier.
The linear performance of two HMC455LP3
high IP3 drivers is offered in this single IC which
can be configured in a balanced or push-pull
amplifier circuit. The amplifier provides 12 dB of
gain and +30.5 dBm of saturated power at 48%
PAE from a single +5 Vdc supply while utilizing
external baluns in a balanced configuration.
The high output IP3 of +45 dBm coupled with
the low VSWR of 1.2:1 makes the HMC461LP3
an ideal driver amplifier for PCS/3G wireless
infrastructure. A low cost, leadless 3x3 mm QFN
surface mount package (LP3) houses the dual
MMIC amplifier IC. The LP3 provides an exposed
base for excellent RF and thermal performance.
+45 dBm Output IP3 (Balanced Configuration)
12 dB Gain
48% PAE @ +30.5 dBm Pout
+20 dBm W-CDMA Channel Power @ -45 dBc ACP
3 x 3 x 1 mm QFN SMT Package
Electrical Specifications*, T
A = +25° C, Vs= +5V
Typical Applications
A high linearity 1 watt amplifier for:
• Multi-Carrier Systems
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• PHS
• Balanced or Push-Pull Configurable
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.7 - 1.9
1.9 - 2.2
GHz
Gain
10
12.5
9
12
dB
Gain Variation Over Temperature
0.012
0.02
0.012
0.02
dB / °C
Input Return Loss
17
18
dB
Output Return Loss
20
25
dB
Output Power for 1dB Compression (P1dB)
26
29
26.5
29.5
dBm
Saturated Output Power (Psat)
29.5
30.5
dBm
Output Third Order Intercept (IP3)
41
44
42
45
dBm
Noise Figure
6.5
6
dB
Supply Current (Icq)
300
300
mA
* Specifications and data reflect HMC461LP3 measured with external baluns in a balanced amplifier configuration optimized for 1.85
- 2.2 GHz per application circuit herein. Contact HMC Applications for 1.7 - 1.85 GHz performance optimization.


Similar Part No. - HMC461LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC461LP3 HITTITE-HMC461LP3 Datasheet
332Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC461LP3 AD-HMC461LP3 Datasheet
474Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER
logo
Hittite Microwave Corpo...
HMC461LP3E HITTITE-HMC461LP3E Datasheet
332Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC461LP3E AD-HMC461LP3E Datasheet
474Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER
More results

Similar Description - HMC461LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC457QS16G HITTITE-HMC457QS16G_09 Datasheet
365Kb / 10P
InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
InGaP HBT WATT HIGH IP3 AMPLIFIER,
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
InGaP HBT Watt High IP3 AMPLIFIER
HMC461LP3 AD-HMC461LP3 Datasheet
474Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com