Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC467LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC467LP3
Description  2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC467LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC467LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
9 - 103
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC467LP3
v00.0403
2 dB LSB GaAs MMIC 2-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
Evaluation PCB
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the
ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom
ground planes. The evaluation circuit board shown is available from Hittite upon request.
List of Material
Item
Description
J1 - J2
PC Mount SMA Connector
J3 - J7
DC Pin
C1, C2
1000 pF Capacitor, 0402 Pkg.
C3
1000 pF Capacitor, 0603 Pkg.
C4
3300 pF Capacitor, 0603 Pkg.
U1
HMC467LP3 Digital Attenuator
PCB*
106980 Evaluation PCB
* Circuit Board Material: Rogers 4350



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com