Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC467LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC467LP3
Description  2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC467LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC467LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
9 - 99
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC467LP3
Return Loss RF1, RF2
(Only Major States are Shown)
v00.0403
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
Bit Error vs. Frequency
(Only Major States are Shown)
Relative Phase vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
2 dB LSB GaAs MMIC 2-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
-3
-2.5
-2
-1.5
-1
-0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
IL
2 dB
4 dB
6 dB
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
2 dB
4 dB
6 dB
FREQUENCY (GHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
24
6
80 MHz
500 MHz
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
ATTENUATION STATE (dB)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
2 dB
4 dB
6 dB
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
2 dB
4 dB
6 dB
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com