Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0833 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0833
Description  8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0833 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC0833 Datasheet HTML 9Page - National Semiconductor (TI) ADC0833 Datasheet HTML 10Page - National Semiconductor (TI) ADC0833 Datasheet HTML 11Page - National Semiconductor (TI) ADC0833 Datasheet HTML 12Page - National Semiconductor (TI) ADC0833 Datasheet HTML 13Page - National Semiconductor (TI) ADC0833 Datasheet HTML 14Page - National Semiconductor (TI) ADC0833 Datasheet HTML 15Page - National Semiconductor (TI) ADC0833 Datasheet HTML 16Page - National Semiconductor (TI) ADC0833 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Functional Description (Continued)
This zener is intended for use as a shunt voltage regulator
to eliminate the need for any additional regulating compo-
nents This is most desirable if the converter is to be re-
motely located from the system power source
Figures 4
and
5 illustrate two useful applications of this on-board ze-
ner when an external transistor can be afforded
An important use of the interconnecting diode between Va
and VCC is shown in Figures 6 and 7 Here this diode is
used as a rectifier to allow the VCC supply for the converter
to be derived from the clock The low current requirements
of the AD (E3 mA) and the relatively high clock frequen-
cies used (typically in the range of 10k-400 kHz) allows us-
ing the small value filter capacitor shown to keep the ripple
on the VCC line to well under
of an LSB The shunt zener
regulator can also be used in this mode This requires a
clock voltage swing which is in excess of VZ A current limit
for the zener is needed either built into the clock generator
or a resistor can be used from the CLK pin to the Va pin
Applications
TLH5607 – 15
TLH5607 – 16
FIGURE 4 Operating with a Temperature
Compensated Reference
TLH5607 – 17
Note 45V s VCC s 63V
FIGURE 6 Generally VCC from the Converter Clock
FIGURE 5 Using the AD as the
System Supply Regulator
TLH5607 – 9
FIGURE 7 Remote SensingClock
and Power on 1 Wire
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com