Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0833 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0833
Description  8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0833 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC0833 Datasheet HTML 1Page - National Semiconductor (TI) ADC0833 Datasheet HTML 2Page - National Semiconductor (TI) ADC0833 Datasheet HTML 3Page - National Semiconductor (TI) ADC0833 Datasheet HTML 4Page - National Semiconductor (TI) ADC0833 Datasheet HTML 5Page - National Semiconductor (TI) ADC0833 Datasheet HTML 6Page - National Semiconductor (TI) ADC0833 Datasheet HTML 7Page - National Semiconductor (TI) ADC0833 Datasheet HTML 8Page - National Semiconductor (TI) ADC0833 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Current into Va (Note 3)
15 mA
Supply Voltage VCC (Note 3)
65V
Voltage
Logic Inputs
b
03V to VCC a 03V
Analog Inputs
b
03V to VCC a 03V
Input Current per Pin (Note 4)
g
5mA
Package Input Current (Note 4)
g
20 mA
Storage Temperature
b
65 Cto a 150 C
Package Dissipation at
TA e 25 C (Board Mount)
08W
Lead Temperature (Soldering 10 sec)
Dual-In-Line Package (Plastic)
260 C
Dual-In-Line Package (Ceramic)
300 C
ESD Susceptibility (Note 5)
2000V
Operating Conditions (Notes12)
Supply Voltage VCC
45 VDC to 63 VDC
Temperature Range
TMINsTAsTMAX
ADC0833CCJ
b
40 CsTAs85 C
ADC0833BCN ADC0833CCN
0 CsTAs70 C
Electrical Characteristics The following specifications apply for VCC e Va e 5V fCLK e 250 kHz and
VREF 2 s (VCC a 01V) unless otherwise specified Boldface limits apply from TMIN to TMAX all other limits
TA e Tj e 25 C
Typ
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Total Unadjusted Error
VREF 2 Forced to 2500 VDC
ADC0833BCN
g
g
LSB
ADC0833CCN
g
1
g
1
LSB
ADC0833CCJ
g
1
LSB
Minimum Total Ladder
Resistance (Note 9)
ADC0833CCJ
70
26
kX
ADC0833BCNCCN
70
26
26
kX
Maximum Total Ladder
Resistance (Note 9)
ADC0833CCJ
70
118
kX
ADC0833BCNCCN
70
108
118
kX
Minimum Common-Mode
All MUX Inputs and COM Input
Input Range (Note 10)
ADC0833CCJ
GNDb005
V
ADC0833BCNCCN
GNDb005
GNDb005
V
Maximum Common-Mode
All MUX Inputs and COM Input
Input Range (Note 10)
ADC0833CCJ
VCCa005
V
ADC0833BCNCCN
VCCa005
VCCa005
V
DC Common-Mode Error
ADC0833CCJ
g
g
LSB
ADC0833BCNCCN
g
g
g
LSB
Change In Zero
15mA Into Va
Error From VCCe5V
VCCeNC
To Internal Zener
VREF 2 e 2500V
Operation (Note 3)
ADC0833CCJ
1
LSB
ADC0833BCNCCN
1
1
LSB
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com