Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC491LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC491LP3
Description  GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC491LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC491LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
8 - 263
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
Bypass Mode
Insertion Loss vs. Temperature
Bypass Mode
Input Return Loss vs. Temperature
Bypass Mode
Output Return Loss vs. Temperature
Bypass Mode
Input IP3 vs. Temperature
Bypass Mode
Input P1dB vs. Temperature
Bypass Mode
Broadband Insertion Loss & Return Loss
HMC491LP3
v00.0503
GaAs MMIC LOW NOISE AMPLIFIER
w/ BYPASS MODE, 3.4 - 3.8 GHz
0
2
4
6
8
10
12
14
16
18
20
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
21
22
23
24
25
26
27
28
29
30
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-15
-12
-9
-6
-3
0
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
2.8
3
3.2
3.4
3.6
3.8
4
S21
S11
S22
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com