Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC491LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC491LP3
Description  GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC491LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC491LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MICROWAVE CORPORATION
8 - 262
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
LNA Mode
Output P1dB vs. Temperature
LNA Mode
Psat vs. Temperature
LNA Mode
Input IP3 vs. Temperature
LNA Mode Gain, Noise Figure & Supply
Current vs. Supply Voltage @ 3.6 GHz
HMC491LP3
v00.0503
GaAs MMIC LOW NOISE AMPLIFIER
w/ BYPASS MODE, 3.4 - 3.8 GHz
0
1
2
3
4
5
6
7
8
9
10
11
12
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-4
-3
-2
-1
0
1
2
3
4
5
6
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
0
1
2
3
4
5
6
7
8
9
10
11
12
2.7
3
3.3
Gain
Noise Figure
Idd
Vdd (Vdc)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com