Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2MBF Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # GS2MBF
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

GS2MBF Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  GS2MBF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd GS2MBF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS2KBF
GS2DBF
S2DB
GS2JBF
GS2GBF
GS2ABF THRU GS2MBF
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.5x0.5
”(12.7x12.7mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
60
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=65 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
100.0
R
θJA
CJ
TJ,TSTG
55
30
-55 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 2)
C/W
Typical junction capacitance (NOTE 1)
GS2ABF GS2BBF
GS2MBF
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
MDD Catalog Number
Dimensions in inches and (millimeters)
SMBF
Cathode Band
Top View
0.165(4.2)
0.173(4.4)
0.216(5.5)
0.200(5.1)
0.146(3.70)
0.138(3.50)
0.075(1.90)
0.086(2.20)
0.051(1.30)
0.043(1.10)
0.010(0.26)
0.0071(0.18)
0.051(1.30)
0.039(1.0)
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Lead free in comply with EU RoHS 2011/65/EU diretives
Easy to pick and place
MECHANICAL DATA
Case: JEDEC SMBF molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight:57mg/0.002oz
Marking code
S2AB
S2BB
S2GB
S2JB
S2KB
S2MB


Similar Part No. - GS2MBF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2M MCC-GS2M Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2M GULFSEMI-GS2M Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2M MCC-GS2M Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
GS2M CTC-GS2M Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Microdiode Semiconducto...
GS2M CHENDA-GS2M Datasheet
836Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - GS2MBF

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04_10 Datasheet
293Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
FM4001-M CHENDA-FM4001-M Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CMR2-10 CENTRAL-CMR2-10_15 Datasheet
295Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
SM4001PL CHENDA-SM4001PL Datasheet
593Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
GS3ABF CHENDA-GS3ABF Datasheet
631Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
SM4001PL YIXIN-SM4001PL Datasheet
104Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
1N4001 YIXIN-1N4001_10 Datasheet
148Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
RS2AW CHENDA-RS2AW_V01 Datasheet
932Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
S2ABF CHENDA-S2ABF_V01 Datasheet
867Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
UN Semiconducctor INC
1N4007W UNSEMI-1N4007W Datasheet
2Mb / 4P
Surface Mount General Purpose Silicon Rectifier
Revision March 1,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com