Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48L0201LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC48L0201LE
Description  2-Output LVDS Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48L0201LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC48L0201LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.pericom.com
PI6LC48L0201
Rev. A
07/23/2013
PI6LC48L0201
2-Output LVDS Networking Clock Generator
Output Frequency Selection Table
Xtal Frequency
N_SEL1 N_SEL0 Output Frequency
25
00
156.25
01
125
10
62.5
11
Reserved
Typical Crystal Requirement
Parameter
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
22.4
25
27.2
MHz
Equivalent Series Resistance
(ESR)
50
Ω
Shunt Capacitance
7
pF
Drive Level
1
mW
Recommended Crystal Specification
Pericom recommends:
a) FL2500047, SMD 3.2x2.5(4P), 25MHz, CL=18pF, +/-20ppm, http://www.pericom.com/pdf/datasheets/se/FL.pdf
b) FY2500091, SMD 5x3.2(4P), 25MHz, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
13-0115



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com