Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P21LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC48P21LE
Description  Single Output LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P21LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6LC48P21LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
www.pericom.com
PI6LC48P21
Rev. A
06/19/13
PI6LC48P21
Single Output LVPECL Clock Generator
Ordering Information
Ordering Code
Packaging Type
Package Description
Operating Temperature
PI6LC48P21LE
L
Pb-free & Green, 8-pin TSSOP
Commercial
PI6LC48P21LIE
L
Pb-free & Green, 8-pin TSSOP
Industrial
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• "E" denotes Pb-free and Green
• Adding an "X" at the end of the ordering code denotes tape and reel packaging
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechanical: 8-Contact TSSOP (L)
DATE: 05/03/12
DESCRIPTION: 8 pin, 173mil wide TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL #: PD-1308
REVISION: F
Notes:
1. Refer JEDEC MO-153F/AA
2. Controlling dimensions in millimeters
3. Package outline exclusive of mold flash and metal burr
12-0370
13-0096



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com