Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P21LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC48P21LE
Description  Single Output LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P21LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC48P21LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.pericom.com
PI6LC48P21
Rev. A
06/19/13
PI6LC48P21
Pin Configuration
Block Diagram
Description
The PI6LC48P21 is a single output LVPECL synthesizer opti-
mized to generate Ethernet reference clock frequencies and is a
member of Pericom’s HiFlex family of high performance clock
solutions. Using a 25MHz or 26.6MHz crystal, it can generate
125MHz or 133MHz output frequencies.
The PI6LC48P21 uses Pericom’s proprietary low phase noise
PLL technology to achieve ultra low phase jitter, so it is ideal for
Ethernet interface in all kind of systems.
Features
Î
Î
Single differential LVPECL output
Î
Î
Supports the following output frequencies: 125MHz or
133MHz
Î
Î
RMS phase jitter @ 125MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.3ps (typical)
Î
Î
Full 3.3V or 2.5V supply modes
Î
Î
Commercial and industrial ambient operating temperature
Î
Î
Available in lead-free package: 8-TSSOP
Applications
Î
Î
Networking systems
PFD
VCO
/25
OSC
XTAL_OUT
XTAL_IN
/5
CLK
CLK#
Single Output LVPECL Clock Generator
1
2
3
4
VDD
CLK#
NC
8
7
6
5
CLK
XTAL_IN
XTAL_OUT
VDDA
GND
13-0096


Similar Part No. - PI6LC48P21LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P25104 PERICOM-PI6LC48P25104 Datasheet
732Kb / 7P
Single Output LVPECL Clock Generator
PI6LC48P25104LE PERICOM-PI6LC48P25104LE Datasheet
732Kb / 7P
Single Output LVPECL Clock Generator
PI6LC48P25104LIE PERICOM-PI6LC48P25104LIE Datasheet
732Kb / 7P
Single Output LVPECL Clock Generator
More results

Similar Description - PI6LC48P21LE

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
LVPECL Output-Dual Input Clock Generator
logo
Pericom Semiconductor C...
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
4-Output LVPECL Networking Clock Generator
PI6LC48P25104 PERICOM-PI6LC48P25104 Datasheet
732Kb / 7P
Single Output LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com