Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P0301LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0301LE
Description  3-Output LVPECL Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0301LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6LC48P0301LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.pericom.com
PI6LC48P0301
Rev. A
07/30/13
PI6LC48P0301
3-Output LVPECL Networking Clock Generator
Bank B Frequency Table
Input
Feedback
Divider
Bank B
Output
Divider
CLKB0/CLKB0#, CLKB1/CLKB1#
Output Frequency (MHz)
Crystal Frequency
(MHz)
FBN
NB_SEL1
NB_SEL0
25
0
0
0
25
2
312.5
20
0
0
0
25
2
250
25
0
0
1
25
4
156.25
24
0
0
1
25
4
150
20
0
0
1
25
4
125
25
0
1
0
25
5
125
25
0
1
1
25
8
78.125
24
0
1
1
25
8
75
20
0
1
1
25
8
62.5
19.44
1
0
0
32
2
311.04
15.625
1
0
0
32
2
250
19.44
1
0
1
32
4
155.52
18.75
1
0
1
32
4
150
15.625
1
0
1
32
4
125
15.625
1
1
0
32
5
100
19.44
1
1
1
32
8
77.76
18.75
1
1
1
32
8
75
15.625
1
1
1
32
8
62.5
Typical Crystal Requirement
Parameter
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
FBN = 0
19.6
27.2
MHz
FBN = 1
15.313
21.25
MHz
Equivalent Series Resistance
(ESR)
50
Ω
Shunt Capacitance
7
pF
Drive Level
1
mW
Recomended Crystal Specification
Pericom recommends:
a) FL2500047, SMD 3.2x2.5(4P), 25MHz, CL=18pF, +/-20ppm
http://www.pericom.com/pdf/datasheets/se/FL.pdf
b) b) FY2500091, SMD 5x3.2(4P), 25MHz, CL=18pF, +/-30ppm
http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
13-0116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com