Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P0301LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0301LE
Description  3-Output LVPECL Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0301LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6LC48P0301LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6LC48P0301LE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
www.pericom.com
PI6LC48P0301
Rev. A
07/30/13
PI6LC48P0301
3-Output LVPECL Networking Clock Generator
AC Electrical Characteristics
LVPECL Termination: Source 150ohm to GND and using 0.01uF ac-coupled to 50ohm to GND
AC Characterisitcs, (TA = -40 to 85ºC)
Symbol
Parameter
Condition
Min.
Typ.
Max
Units
fOUT
Output Frequency Range
Otuput Divider = ÷1
490
680
MHz
Otuput Divider = ÷2
245
340
MHz
Otuput Divider = ÷3
163.33
226.67
MHz
Otuput Divider = ÷4
122.5
170
MHz
Otuput Divider = ÷5
98
136
MHz
Otuput Divider = ÷8
61.25
85
MHz
tsk(b)
Bank Skew(1)
25
ps
tsk(o)
Output Skew(2,4)
Output @ Same Frequencies
70
ps
Output @ Different Frequencies
200
ps
tjit(Ø)
RMS Phase Jitter,
(Random)(3)
625MHz,
(1.875MHz - 20MHz)
0.14
ps
625MHz,
(12kHz - 20MHz)
0.32
ps
312.5MHz,
(1.875MHz - 20MHz)
0.15
ps
312.5MHz,
(12kHz - 20MHz)
0.32
ps
156.25MHz,
(1.875MHz - 20MHz)
0.16
ps
156.25MHz,
(12kHz - 20MHz)
0.32
ps
125MHz,
(1.875MHz - 20MHz)
0.17
ps
125MHz,
(12kHz - 20MHz)
0.32
ps
tR / tF
Output Rise/Fall Time
20% to 80%
400
ps
o
DC
Output Duty Cycle
Measured at the dif-
ferential cross point
Otuput Divider
= ÷1
47
53
%
Other divider
values
47
53
%
Note:
1. Defined as skew within a bank of outputs at the same supply voltage and with equal load conditions.
2. Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross points.
3. Please refer to the Phase Noise Plots.
4. This parameter is defined in accordance with JEDEC Standard 65.
13-0116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com