Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008853 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008853
Description  GaAs SPDT 2.7 V High Power Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008853 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-008853_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008853_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008853_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008853_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPDT 2.7 V High Power Switch
DC - 5.0 GHz
Rev. V2
MASW-008853
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Voltage Operation: 2.7 V
 High Power: +38dBm (typ) P0.1dB
 High IP3: +56 dBm
 Low Insertion Loss: 0.25 dB @ 1 GHz
 High Isolation: 25 dB @ 1 GHz
 Lead-Free SC70 Package
 100% Matte Tin Plating over Copper
 Halogen-Free ―Green‖ Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASW-008853 is a GaAs PHEMT
MMIC single pole double throw (SPDT) high power
switch in a low cost SC70 six lead package. The
MASW-008853 is ideally suited for applications
where high power, low control voltage, low insertion
loss, high isolation, small size, and low cost are
required.
Typical applications are for CDMA handset systems
that connect separate transceiver and/or GPS
functions to a common antenna, as well as other
related handset and general purpose applications.
The MASW-008853 can be used in all systems
operating up to 5.0 GHz requiring high power at low
control voltage.
The MASW-008853 is fabricated using a 0.5 micron
gate length GaAs pHEMT process. The process
features full passivation for performance and
reliability.
Functional Block Diagram
V1
RFC
V2
RF1
GND
RF2
39 pF
39 pF
Pin 6
Pin 1
39 pF
Pin Configuration
Pin No.
Pin Name
Description
1
RF1
RF Port 1
2
GND
RF Ground
3
RF2
RF Port 2
4
V2
Vcontrol 2
5
RFC
RF Common
6
V1
Vcontrol 1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power
(0.5 - 3 GHz, 3 V Control)
+38 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
Part Number
Package
MASW-008853-000000
Bulk Packaging
MASW-008853-TR3000
3000 piece reel
MASW-008853-001SMB
Sample Test Board
Ordering Information 1,2
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MASW-008853_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008853-000000 MACOM-MASW-008853-000000 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASW-008853-000000 MA-COM-MASW-008853-000000 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
Tyco Electronics
MASW-008853-001SMB MACOM-MASW-008853-001SMB Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASW-008853-001SMB MA-COM-MASW-008853-001SMB Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
Tyco Electronics
MASW-008853-TR3000 MACOM-MASW-008853-TR3000 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
More results

Similar Description - MASW-008853_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0117 MACOM-MASWSS0117 Datasheet
128Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0204 MACOM-MASWSS0204 Datasheet
187Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MACOM-MASW-008853 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0117 MA-COM-MASWSS0117 Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
MASWSS0117_V3 MA-COM-MASWSS0117_V3 Datasheet
143Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0204_V3 MA-COM-MASWSS0204_V3 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0204 MA-COM-MASWSS0204 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com