Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0844 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0844
Description  8-Bit uP Compatible A/D Converters with Multiplexer Options
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0844 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC0844 Datasheet HTML 12Page - National Semiconductor (TI) ADC0844 Datasheet HTML 13Page - National Semiconductor (TI) ADC0844 Datasheet HTML 14Page - National Semiconductor (TI) ADC0844 Datasheet HTML 15Page - National Semiconductor (TI) ADC0844 Datasheet HTML 16Page - National Semiconductor (TI) ADC0844 Datasheet HTML 17Page - National Semiconductor (TI) ADC0844 Datasheet HTML 18Page - National Semiconductor (TI) ADC0844 Datasheet HTML 19Page - National Semiconductor (TI) ADC0844 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Applications Information (Continued)
SAMPLE PROGRAM FOR ADC0844 — INS8039 INTERFACE
CONVERTING TWO RATIOMETRIC, DIFFERENTIAL SIGNALS
ORG
0H
0000
04 10
JMP
BEGIN
;START PROGRAM AT ADDR 10
ORG
10H
;MAIN PROGRAM
0010
B9 FF
BEGIN:
MOV
R1,#0FFH
;LOAD R1 WITH A UNUSED ADDR
;LOCATION
0012
B8 20
MOV
R0,#20H
;A/D DATA ADDRESS
0014
89 FF
ORL
P1,#0FFH
;SET PORT 1 OUTPUTS HIGH
0016
23 00
MOV
A,00H
;LOAD THE ACC WITH A/D MUX DATA
;CH1 AND CH2 DIFFERENTIAL
0018
14 50
CALL
CONV
;CALL THE CONVERSION SUBROUTINE
001A
23 02
MOV
A,#02H
;LOAD THE ACC WITH A/D MUX DATA
;CH3 AND CH4 DIFFERENTIAL
001C
18
INC
R0
;INCREMENT THE A/D DATA ADDRESS
001D
14 50
CALL
CONV
;CALL THE CONVERSION SUBROUTINE
;CONTINUE MAIN PROGRAM
;CONVERSION SUBROUTINE
;ENTRY:ACC — A/D MUX DATA
;EXIT: ACC — CONVERTED DATA
ORG
50H
0050
99 FE
CONV:
ANL
P1,#0FEH
;CHIP SELECT THE A/D
0052
91
MOVX
@R1,A
;LOAD A/D MUX & START CONVERSION
0053
09
LOOP:
IN
A,P1
;INPUT INTR STATE
ADC0844 — INS8039 Interface
DS005016-27
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com