Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0844 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0844
Description  8-Bit uP Compatible A/D Converters with Multiplexer Options
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0844 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC0844 Datasheet HTML 12Page - National Semiconductor (TI) ADC0844 Datasheet HTML 13Page - National Semiconductor (TI) ADC0844 Datasheet HTML 14Page - National Semiconductor (TI) ADC0844 Datasheet HTML 15Page - National Semiconductor (TI) ADC0844 Datasheet HTML 16Page - National Semiconductor (TI) ADC0844 Datasheet HTML 17Page - National Semiconductor (TI) ADC0844 Datasheet HTML 18Page - National Semiconductor (TI) ADC0844 Datasheet HTML 19Page - National Semiconductor (TI) ADC0844 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Applications Information (Continued)
SAMPLE PROGRAM FOR ADC0844 — INS8039 INTERFACE
CONVERTING TWO RATIOMETRIC, DIFFERENTIAL SIGNALS (Continued)
0054
32 53
JB1
LOOP
;IF INTR = 1 GOTO LOOP
0056
81
MOVX
A,@R1
;IF INTR = 0 INPUT A/D DATA
0057
89 01
ORL
P1,&01H
;CLEAR THE A/D CHIP SELECT
0059
A0
MOV
@R0,A
;STORE THE A/D DATA
005A
83
RET
;RETURN TO MAIN PROGRAM
SAMPLE PROGRAM FOR ADC0848 — NSC800 INTERFACE
0008
NCONV
EQU
16
000F
DEL
EQU
15
;DELAY 50 µsec CONVERSION
001F
CS
EQU
1FH
;THE BOARD ADDRESS
3C00
ADDTA
EQU
003CH
;START OF RAM FOR A/D
;DATA
0000'
08 09 0A 0B
MUXDTA:
DB
08H,09H,0AH,0BH
;MUX DATA
0004'
0C 0D 0E 0F
DB
0CH,0DH,0EH,0FH
0008'
0E 1F
START:
LD
C,CS
000A'
06 16
LD
B,NCONV
000C'
21 0000'
LD
HL,MUXDTA
000F'
11 003C
LD
DE,ADDTA
0012'
ED A3
STCONV:
OUTI
;LOAD A/D’S MUX DATA
;AND START A CONVERSION
0014'
EB
EX
DE,HL
;HL=RAM ADDRESS FOR THE
;A/D DATA
0015'
3E 0F
LD
A,DEL
0017'
3D
WAIT:
DEC
A
;WAIT 50 µsec FOR THE
0018'
C2 0013'
JP
NZ,WAIT
;CONVERSION TO FINISH
001B'
ED A2
INI
;STORE THE A/D’S DATA
;CONVERTED ALL INPUTS?
001D'
EB
EX
DE,HL
001E'
C2 000E'
JP
NZ,STCONV
;IF NOT GOTO STCONV
END
Note 14: This routine sequentially programs the MUX data latch in the signal-ended mode. For CH1-CH8 a conversion is started, then a 50 µs wait for the A/D to
complete a conversion and the data is stored at address ADDTA for CH1, ADDTA + 1 for CH2, etc.
I/O Interface to NSC800
DS005016-28
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com