Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0115 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0115
Description  GaAs SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0115 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0115 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V6
MASWSS0115
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss7
DC - 1 GHz
1 - 3 GHz
dB
dB
—
—
0.25
0.30
0.40
0.55
Isolation
DC - 1 GHz
1 - 3 GHz
dB
dB
20
—
24
22
—
—
Return Loss
0.05 - 3 GHz
dB
—
20
—
IP2
Two Tone, +5 dBm/tone, 5 MHz Spacing, >50 MHz
dBm
—
90
—
IP3
Two Tone, +5 dBm/tone, 5 MHz Spacing, >50 MHz
dBm
—
46
—
P1dB
VC = 0 V/2.5 V
VC = 0 V/3.0 V
dBm
dBm
—
—
21
25
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
35
—
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
ns
—
40
—
Transients
In band
mV
—
10
—
Control Current
VC = 2.5 V
µA
—
5
20
Electrical Specifications: TA = 25°C, VC = 0 V/2.5 V, Z0 = 50 Ω
6
6. External DC blocking capacitors are required on all RF ports.
7. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 - 3 GHz.
Qualification
Qualified to M/A-COM specification REL-201, Process Flow
–2.
Handling Procedures
The following precautions should be observed to avoid dam-
age:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electro-
static discharge (ESD) and can be damaged by static elec-
tricity. Proper ESD control techniques should be used when
handling these devices.
Truth Table 8,9
Control V1
Control V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
8. Differential voltage, V(state 1) - V(state 0), must be +2.3 V
minimum.
9. 0 = 0 V ± 0.2 V, 1 = +2.3 V to 5.0 V
Die Bond Pad Layout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com