Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0115 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0115
Description  GaAs SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0115 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0115 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V6
MASWSS0115
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Features
 Insertion Loss: 0.3 dB @ 2.4 GHz
 Isolation: 22 dB @ 2.4 GHz
 Power Consumption: <5 μA @ +2.3V
 Lead-Free SOT-363 Package
 Halogen-Free Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW-485
Description
M/A-COM’s MASWSS0115 is a GaAs PHEMT
MMIC single pole, double throw (SPDT) switch in a
low cost, lead-free SC-70 (SOT-363) surface mount
plastic package. The MASWSS0115 is ideally suited
for applications where very small size and low cost
are required.
Typical applications are dual band systems which
require switching between small signal components
such as filter banks, single-band LNAs, converters,
etc. This part can be used for low power, low loss
requirements in all systems operating up to 3 GHz,
including PCS, GSM, DCS, Blue Tooth, and other
receive chain applications.
The MASWSS0115 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Functional Schematic
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=39pF
C=39pF
C=39pF
Pin No.
Function
Description
1
RF1
RF Port 1
2
GND
Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Input
6
V1
Control 1
Pin Configuration
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
2.5 V Control
5 V Control
+27 dBm
+34 dBm
Voltage
± 8.5 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Absolute Maximum Ratings 4,5
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information1,2
Part Number
Package
MASWSS0115
Bulk packaging
MASWSS0115TR-3000
3000 piece reel
MASWSS0115SMB
Sample Board
MASWSS0115-DIE
Separated Die on
Grip Ring3
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. Die quantity varies.


Similar Part No. - MASWSS0115

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0115 MA-COM-MASWSS0115 Datasheet
142Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MA-COM-MASWSS0115 Datasheet
142Kb / 4P
GaAs SPDT Switch
logo
Tyco Electronics
MASWSS0115-DIE MACOM-MASWSS0115-DIE Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0115-DIE MA-COM-MASWSS0115-DIE Datasheet
142Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0115

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
SW-456_V5 MA-COM-SW-456_V5 Datasheet
83Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
GaAs SPDT Switch
MASWSS0176 MA-COM-MASWSS0176_15 Datasheet
639Kb / 4P
GaAs SPDT Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com